Part Number Hot Search : 
AN7332S VN89AB 4536E T8055 LM2902DR 10VT1 CY7C4 DQ2864H
Product Description
Full Text Search
 

To Download IPS7071GPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data sheet No. PD60309
IPS7071GPBF
PROTECTED HIGH SIDE SWITCH
Features
* * * * * * * * Over temperature shutdown (with auto-restart) Short circuit protection (current limit) Active clamp Open load detection Logic ground isolated from power ground ESD protection Ground loss protection Status feedback
Product Summary Rds(on) Vclamp I Limit Open load Package 110m max. 70V 5A 3V
Description
The IPS7071GPBF is a fully protected five terminal high side switch with built in short circuit, over-temperature, ESD protection, inductive load capability and diagnostic feedback. The output current is limited at Ilim value. Current limitation is activated until the thermal protection acts. The over-temperature protection turns off the device if the junction temperature exceeds Tshutdown. It will automatically restart after the junction has cooled 7C below Tshutdown. A diagnostic pin is provided for status feedback of short circuit, over-temperature and open load detection. The double level shifter circuitry allows large offsets between the logic ground and the load.
SO8 IPS7071GPBF
Typical Connection
+5V +Bat Vcc Dg Control Rdg In V Diag Rin Input Signal Load Gnd Out Pull-up resistor for Open Load Off detection
15K
www.irf.com
1
IPS7071GPBF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are referenced to Ground lead. (Tambient=25C unless otherwise specified).
Symbol
Vout Voffset Vin Vcc max. Vcc cont. Iin max. Idg max. Vdg Pd Isd cont. ESD1 ESD2 Tj max.
Parameter
Maximum output voltage Maximum logic ground to load ground offset Maximum input voltage Maximum Vcc voltage Maximum continuous Vcc voltage Maximum IN current Maximum diagnostic output current Maximum diagnostic output voltage Maximum power dissipation (internally limited by thermal protection) Rth=100C/W Maximum continuous diode current (Rth=100C/W) Electrostatic discharge voltage (Human body) 100pF, 1500 Electrostatic discharge voltage (Machine Model) C=200pF,R=0,L=10H Max. storage & operating temperature junction temperature
Min.
Max.
Units
V
Vcc-65 Vcc+0.3 Vcc-65 Vcc+0.3 -0.3 5.5 65 35 -1 10 -1 10 -0.3 5.5

mA V W A kV C
1.25 1.8 4 0.5 +150
-40
Thermal Characteristics
Symbol
Rth1
Parameter
Thermal resistance junction to ambient IPS7071G
Typ.
100
Max.
Units
C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
VIH VIL Iout Rin Rdgs Rol
Parameter
High level input voltage Low level input voltage Continuous drain current, Tamb=85C, Tj=125C, Vin=5V, Rth=100C/W Recommended resistor in series with IN pin Recommended resistor in series with DG pin Recommended pull-up resistor for open load detection
Min.
4 -0.3
Max.
5.5 0.9 1.5 10 20 100
Units
A k
4 10 5
www.irf.com
2
IPS7071GPBF
Static Electrical Characteristics
Tj=25C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.

Typ.
80 130 90
Max.
110 175 120 35
Units
m
Test Conditions
Vin=5V, Iout=2.5A Vin=5V, Iout=2.5A Vin=5V, Iout=2.5A Iout=10mA (see Fig. 1) Iout=1A (see Fig. 1) Iout= 2.5A Vin=0V, Vout=0V Vin=5V Vout=0V Vout=6V Vdg=5.5V Idg=1.6mA
ON state resistance Tj=25C Rds(on) ON state resistance Tj=150C (1) ON state resistance Tj=25C, Vcc=6.5V Vcc op. Operating voltage range V clamp 1 Vcc to Out clamp voltage 1 V clamp 2 Vcc to Out clamp voltage 2 (1) Vf Body diode forward voltage Icc Off Supply current when Off Icc On Supply current when On Iout@0V Output leakage current Iout@6V Output leakage current Idg leakage Diagnostic output leakage current Vdgl Low level diagnostic output voltage Vih Input high threshold voltage Vil Input low threshold voltage In hys Input hysteresis UV high Under voltage high threshold voltage UV low Under voltage low threshold voltage UV hys Undervoltage hysteresis Iin On Input current when device is On (1) Guaranteed by design
6 65
1
70 70 1 2.5 2.5
1.1
75 1.35 10 3.5 10
V A mA A
20
0.15 3.4 0.1
0.2 2.5 2 0.4 5 4.5 0.8 40
10 0.3 3.5
1 5.9
V
1.5 80
A
Vin=5V
Switching Electrical Characteristics
Vcc=14V, Resistive load=14, Vin=5V, Tj=25C
Symbol
Tdon Tr1 Tr2 dV/dt (On) EOn Tdoff Tf dV/dt (Off) EOff Tdiag
Parameter
Turn-on delay time Rise time to Vout=Vcc-5V Rise time to Vout=0.9 x Vcc Turn On dV/dt Turn On energy Turn-off delay time Fall time to Vout=0.1 x Vcc Turn Off dV/dt Turn Off energy Vout to Vdiag propagation delay
Min.

Typ.
11 7 15 1.3 75 23 6 2 25 15
Max.
35 40 50 4
Units
s V/s J s V/s J s
Test Conditions
See Fig. 3
45 25 6

See Fig. 4 and Fig. 12
www.irf.com
3
IPS7071GPBF
Protection Characteristics
Symbol Parameter Min.
2 150(2)
2 2
Typ.
5 165 158 3 3
Max.
9

Units
A C V
Test Conditions
Vout=0V See Fig. 2
Ilim Internal current limit (2) Tsd+ Over temperature high threshold TsdOver temperature low threshold Vsc Short-circuit detection voltage(3) Vopen load Open load detection threshold (2) Guaranteed by design (3) Reference to Vcc
4 4
Truth Table
Operating Conditions IN OUT DG pin
Normal H H H Normal L L L Open Load H H H (3) Open Load L H H Short circuit to Gnd H L (limiting) L Short circuit to Gnd L L L Over-temperature H L (cycling) L Over-temperature L L L (3) With a pull-up resistor connected between the output and Vcc.
Lead Assignments
8765
1234
1- Out 2- Gnd 3- DG 4- In 5-6-7-8 Vcc
SO8
www.irf.com
4
IPS7071GPBF
Functional Block Diagram
All values are typical
VCC
165C Tj
75V
158C Vcc-Gnd >UV 2.5V Level Shifter
Charge Pump
66V
Driver
75V
IN
6V 150k
2.0V + I Sense I Limit
Gnd Loss Protection
DG
6V
Open Load
+ 3V + 3V
Short Circuit
30
GND
OUT
www.irf.com
5
IPS7071GPBF
T clamp
Vin
Vin Iout
limiting Thermal cycling
Ids
Ilim
Vcc
Tj
Vds
Vds clamp
Tsd+ Tsd-
See Application Notes to evaluate power dissipation
Figure 1 - Active clamp waveforms
Figure 2 - Protection timing diagram
90%
Vin
Vil
Vin
Vih 10%
Vout
Vcc Vcc - Vsc
90% Vcc-5V
Vout
10%
Td on Tr1 Tr2
Td off Tf
Vol
Vdg
Vds
Blanking Diag ON Tdiag
Blanking Diag OFF
Figure 3 - Switching times definition
Figure 4 - Diagnostic delay definition
www.irf.com
6
IPS7071GPBF
10
Dg In Gnd
Vcc Out
Vclamp + 14V Iout, Output current (A)
L
5V
1
Vin
0V
Vout
Rem : During active clamp, Vload is negative
R Iout
0.1 1E+2 1E+3 1E+4 1E+5 1E+6
Load inductance (H)
Figure 5 - Active clamp test circuit Figure 6 - Max. Output current (A) Vs Load inductance (H)
5
100.0
Ids, cont. Output current (A)
4
Zth, transient thermal impedance (C/W)
10.0
3
2
1.0
1
0 -50 0 50 100 150
0.1 0.0001 0.001
0.01
0.1
1
10
100
Tamb, Ambient temperature (C)
Figure 7 - Max. ouput current (A) Vs Ambient temperature (C)
Time (s)
Figure 8 - Transient thermal impedance (C/W) Vs time (s)
www.irf.com
7
IPS7071GPBF
1 2 1 0 8
500
Eon, Eoff, switching energy (J)
400
300
Eon Eoff
I limit (A)
6 4 2 0 -50 0 50 1 00 1 50
200
100
0 0 1 2 3 4
Tj, junction temperature (C)
Figure 9 -I limit (A) Vs junction temperature (C)
Iout, Output current (A)
Figure 10 - Switching energy (J) Vs Output current (A)
200%
80
Rds(on), Drain-to-Source On Resistance (Normalized)
60
Blanking time (s)
150%
Tdiag on Tdiag off
40
100%
20
50% -50 0 50 100 150
0 0 1 2 3
Tj, junction temperature (C)
Figure 11 - Normalized Rds(on) (%) Vs Tj (C)
Output current (A)
Figure 12 - Diagnosis Blanking time (s) Vs Output current (A)
www.irf.com
8
IPS7071GPBF
1.E+4
1.E+4
Icc on/ Icc off, supply current (A)
Icc on/ Icc off, supply current (A)
1.E+3
1.E+3
Icc on Icc off
1.E+2
Icc on Icc off
1.E+2
1.E+1
1.E+1
1.E+0 0 5 10 15 20 25 30 35
1.E+0 -50 0 50 100 150
Vcc, power supply voltage (V)
Figure 13 - Icc on/ Icc off (A) Vs Vcc (V)
Tj, junction temperature (C)
Figure 14 - Icc on/ Icc off (A) Vs Tj (C)
www.irf.com
9
IPS7071GPBF
Case Outline - SO8
www.irf.com
10
IPS7071GPBF
Tape & Reel - SO8
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice . SO8 is MSL2 qualified This product has been designed and qualified for the Automotive [Q100] market. 6/24/2007
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IPS7071GPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X